Part Number Hot Search : 
2SC383 74HC485 MA728 ST3406 DMF09S D3SB60 2SC383 2SC383
Product Description
Full Text Search
 

To Download MT92303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? two pcm codecs (itu-t g.711/g.712, 8khz pcm) ? four audio tx/rx interfaces ? single 3.3v power supply ? flexible voice data port works in st-bus, gci and ssi modes ? serial microport interface compatible with motorola, intel and national semiconductor ? low external component count ? low power (43mw typical) ? power-down mode ? differential microphone inputs ? programmable bias voltage output for electret microphones ? microphone presence detection ? microphone mute ? programmable microphone gain (0db to +46.5db in 1.5db steps) ? itu-t g.712 high-pass and low-pass tx filtering ? programmable sidetone gain (-39db to +6db in 3db steps) ? sidetone mute ? differential earpiece driver outputs ? 66mw rms into 32 ohms ? 150mw rms into 16 ohms ? programmable earpiece gain (-28db to +2db in 2db steps) ? programmable rx volume control (-21db to 0db in 3db steps) ? rx channel mute ? itu-t g.712 low-pass rx filtering ? programmable/optional rx hi-pass filter (6 corner frequencies in range 40hz-400hz) ? three pcm data formats - 16-bit linear, companded itu-t a-law or u-law ? cross-point connects pcm channels to any of the four audio tx/rx interfaces ? auxiliary ringing/announcement input (to loud speaker outputs) ? loopback test mode applications ? digital telephone sets ? voip enterprise telephones figure 1 - functional block diagram 4 4 pll serial microport interface g.712 codec #1 crosspoint g.712 codec #0 pcm voice interface vref audio interface #3 audio interface #2 audio interface #1 audio interface #0 auxtone ear mic bias micdet resetb ear mic bias micdet ear mic ear/speaker mic bias sysclk ds5320 issue 1 march 2000 ordering information MT92303/pr/gp1n 44 pin mqfp -40 to +85 c MT92303 3.3v quad interface, dual codec preliminary information
MT92303 preliminary information 2 figure 2 - pin description pin description pin # name type description system 5 sysclk input master clock (2.048, 4.096, 10.24, 20.0, 20.48, 25.0 or 50.0mhz) 12 resetb input active low reset signal for digital circuitry 6 vddd power vdd for digital circuitry and pll 7 gndd ground gnd for digital circuitry and pll pcm interface 4 c4i/dcl/sck input serial clock: st-bus = 4.096mhz, gci = 1.536 - 4.096mhz ssi = 0.512 - 4.096mhz 3 f0i/fsc/sc2 input frame alignment. st-bus active low pulse, gci active high pulse, ssi active high 2 dsti/d in /srd input serial data 1 dsto/d out /std output serial data serial microport 11 cs input enables serial microport. active low 10 sclk input data clock for serial microport 9 data1 i/o motorola/national mode: output. intel mode: i/o 8 data2 input motorola/national mode: input. intel mode: not used and must be tied to vdd or gnd. 39 44 43 42 41 40 38 37 36 35 34 1 2 3 4 5 6 7 8 9 10 33 32 31 30 29 28 27 26 25 24 17 12 13 14 15 16 18 19 20 21 22 11 23 ear1p ear1n gndp1 auxtone vdda gnda sub mic1p mic1n vref mic0n vddp0 speakern speakerp gndp0 vddp3 ear3p ear3n gndp32 ear2p ear2n vddp21 resetb micbias3 micdetect3 mic3p mic3n micbias2 micdetect2 mic2p mic2n micbias0 mic0p dsto/d out /std dsti/d in /srd f0i/fsc/sc2 c4i/dcl/sck sysclk vddd gndd data2 data1 sclk cs 44 pin mqfp
preliminary information MT92303 3 analog 24 vref output on-chip voltage-reference decoupling capacitor, 100nf to gnda 29 vdda power vdd for analog circuitry 28 gnda ground gnd for analog circuitry 27 sub ground chip substrate (connect to gnda) audio interface #3 13 micbias3 output programmable voltage (0 to 2.52v in 15 steps) for electret microphones 14 micdetect3 input comparator input to detect presence & muting of microphone 15 mic3p input positive microphone input 16 mic3n input negative microphone input 40 vddp3 power vdd for rx analog o/p circuitry (audio interface #3) 39 ear3p output positive earpiece output 38 ear3n output negative earpiece output 37 gndp32 ground gnd for rx analog o/p circuitry (audio interfaces #3 & #2) audio interface #2 17 micbias2 output programmable voltage (0 to 2.52v in 15 steps) for electret microphones 18 micdetect2 input comparator input to detect presence & muting of microphone 19 mic2p input positive microphone input 20 mic2n input negative microphone input 36 ear2p output positive earpiece output 35 ear2n output negative earpiece output 34 vddp21 power vdd for rx analog o/p circuitry (audio interfaces #2 & #1) audio interface #1 26 mic1p input positive microphone input 25 mic1n input negative microphone input 33 ear1p output positive earpiece output 32 ear1n output negative earpiece output 31 gndp1 ground gnd for rx analog o/p circuitry (audio interface #1) audio interface #0 21 micbias0 output programmable voltage (0 to 2.52v in 15 steps) for electret microphones 22 mic0p input positive microphone input 23 mic0n input negative microphone input 44 vddp0 ground vdd for rx analog o/p circuitry (audio interface #0) 43 ear0n/speakern output negative earpiece output (high power for loud speaker) 42 ear0p/speakerp output positive earpiece output (high power for loud speaker) 41 gndp0 ground gnd for rx analog o/p circuitry (audio interface #0) auxiliary tone input 30 auxtone input auxiliary ringing/announcement input (to loud speaker outputs) pin description (continued)
MT92303 preliminary information 4 functional description the MT92303 dual codec provides complete audio to pcm interfaces including ?ltering and optional data companding as required by the itu-t g.711 & g.712 recommendations. programmable gain allows adjustment for a wide range of transducer sensitivities - two microphone ampli?ers and four earpiece ampli?ers are provided to allow connection to a handset, headset, auxiliary channel and microphone/speaker. a cross-point circuit allows either codec to be connected to any of the four audio interfaces. programmable voltage sources are available for electret biasing on the microphone channels. pcm voice data is passed via a serial interface which operates in st-bus, gci or ssi mode. st-bus mode allows the codecs to be allocated to any of the 32 available channels. control and programming of the codecs is carried out over a ?exible, serial, micro-controller interface. figure 3 - block diagram mic detect electret bias u/a law u/a law g.712 filtering sidetone cross-point voice serial pcm interface control for companding mode, rx gain control(s), sidetone level, rx hi-pass ?lter, cross-point, muting, electret biasing, microphone pre-amp and gain, pll 4 serial uport 4 d a c a d c u/a law u/a law g.712 filtering sidetone d a c a d c mic detect electret bias electret bias vref pll sysclk vref resetb auxtone codec #1 codec #0 data data data data status
preliminary information MT92303 5 voice channel figure 4 shows the companding, ?ltering and gain stages in a single voice channel as set up by the cross-point. the rx channel (top) and tx channel (bottom) both use a mixture of digital-dsp and analog techniques. the dsp domain is towards the left of the diagram and extends from the pcm interface to the dac and adc blocks. rx channel pcm data is taken in either linear or companded form and is processed by the dsp circuitry. this provides a digital volume control, an access point for sidetone, and the multi-order low-pass ?ltering required to remove the sampling aliases in the digitised data. the 6 th order low-pass ?lter response is shown in figure 5. an optional 1 st order high-pass ?lter is also provided. in addition to the gain adjustment, the rx dsp channel may also be turned-off (muted). the ?ltered version of the data is converted to an analog signal by the dac and continuous-time low-pass ?lter before passing through the cross-point circuitry to the variable-gain output buffer. the buffer provides a differential output signal which allows near rail-to-rail operation and can deliver 66mw into a 32 ohm load. as shown in figure 4, the rx gain may be adjusted in two places. the dsp provides adjustment from -21db to +0db in 3db steps, and the analog from -28db to +2db in 2db steps. figure 5 - rx low-pass filter response 0db -3db -2db -1db 1khz 2khz 3khz figure 4 - single voice-channel dsp and analog circuitry adc dac -21db to 0db in 3db steps bypass control 8/16 u/a law smoothing filter -28db to +2db in 2db steps rec 1.012vrms @ 0dbm0 cross point bypass control 8/16 u/a law g.712 filtering 6 th order low-pass @ 3.4khz 4 th order hi-pass @ 150hz anti-alias filter 0db to 22.5db in 1.5db steps mic 0.611vrms @ 0dbm0 24db bypass control pre-amp sidetone -39db to +6db in 3db steps g.712 filtering 6 th order low-pass @ 3.4khz 1 st order hi-pass @ 0-400hz cross point dsp analog rx
MT92303 preliminary information 6 loud speaker drive the MT92303 provides four audio interfaces, all of which provide the same gain adjustments and output drive voltage levels. however, audio interface #0 has an output buffer which is capable of delivering more current than the others, and is intended for use with a loud speaker. this output can drive 150mw r.m.s. into a 16 ohm load - this represents almost rail-to-rail operation from the bridge con?gured outputs. other loud speaker impedances may be used (as long as they are greater than or equal to 16 ohms) and will allow a power output (t.h.d. < 1%) of: ? power = 150mw x 16 / rload tx channel an optional pre-amp and a variable gain stage provide a very large range of gain adjustment for the microphone signal. the boosted signal is passed through an anti-alias ?lter before it is digitised by the adc and routed to the dsp circuitry. the dsp band-pass ?ltering provides a sharp cut-off above 3.4khz to prevent aliasing by the 8khz sampling, and also provides a high-pass function at 150hz to remove low-frequency voice energy. as shown in figure 4, the pre-amp and variable gain block combine to allow the tx gain to be adjusted from 0db to +46.5db in 1.5db steps. figure 6 - tx band-pass filter response the 8khz samples are available in either 16-bit linear form, or 8-bit u-law or a-law companded form. the differential ampli?ers may be used with electret microphones as shown in figure 8, or with dynamic microphones which have no bias requirements. dynamic microphones may be connected directly to the chip inputs, without the use of coupling capacitors. dc offset voltages which potentially exist on the ampli?er inputs are automatically cancelled by a sequence which runs each time the circuit is powered-up (see section automatic dc offset cancellation). the mic inputs of the tx channel have a differential input impedance which is suf?ciently high to allow the use of small value coupling capacitors. the input impedance is formed by the internal gain-setting resistors which are used around the op-amps, and consequently the value of the input impedance is dependent on the selected gain as shown in table 1. ? these ?gures are for design aid only: not guaranteed and not subject to production testing. automatic dc offset cancellation (tx) the ampli?ers in the tx channel can provide gains as high as 46.5db (linear gain of x211). potential dc input offset voltages on the ampli?er inputs need to be controlled so that they do not affect the dynamic range of the channel. these dc offset voltages are removed by a sequence which automatically runs each time the tx analog circuitry is enabled/ powered-up (see control register audio interface: enable). the offset cancellation routine works by using internal dacs to introduce small correction voltages into the ampli?ers so that their outputs have a nominal dc level of 0v (measured differentially). the digital portion of this auto calibration circuitry is clocked by the fr ame alignment input and requires up to 128 clock pulses. it is important that the on-chip voltage reference is powered-up and allowed to settle before the offset cancellation is initiated (by enabling the tx analog circuitry). there are two tx analog channels, each of which has its own offset cancellation circuitry. these can operate completely independently of each other if required. 0db -3db -2db -1db 1khz 2khz 3khz gain input impedance ? (kohms) min typ max 0db to 10.5db 49 107 213 12db to 22.5db 29 54 89 24db to 46.5db 52 80 113 table 1. microphone input impedance
preliminary information MT92303 7 sidetone path the dsp circuitry provides a path between the tx and rx channels for the adjustment of sidetone level. in addition to the large range of adjustment, the sidetone may also be turned-off (muted). as shown in figure 4, the sidetone gain may be adjusted from -39db to +6db in 3db steps. auxiliary tone input a separate analog input to the loud speaker driver (audio interface #0) is provided for the purpose of sending auxiliary ringing/announcement tones to the loud speaker. this input (auxtone) allows analog signals to be buffered by the programmable-gain driver circuit. the auxtone path is not normally connected, and needs to be selected by the appropriate bit in the cross-point control register. the analog gain from auxtone to the speakerp/ n pins is de?ned by the same register as for rx analog gain in audio interface #0, and is adjustable between -29db and 0db in approximate steps of 2db. figure 7 - auxtone circuitry the auxtone input may be driven by a true analog source (e.g. op-amp) or a pseudo-analog signal provided by a digital driver as shown in figure 7. for minimum external component count, the digital driver should go high-impedance when not in use (to minimize clicks and pops). the auxtone input is dc biased at vdd/2 and should be capacitively coupled to sources with a different dc level. cross-point any 2 of the 4 rx earpiece drivers may be selected for connection to the 2 codecs. similarly, any 2 of the 4 microphones may be selected for connection to the 2 codecs. this is done via the cross-point and is controlled by the appropriate register. the same register contains two con_codec bits which must be set in order to establish any connection to the codecs. these bits allow the codecs to be completely disconnected from the audio interfaces (the default state after system reset). in the event of both codecs being erroneously selected for connection to one of the earpiece/ microphone circuits, then codec #0 will take priority. in the event of one of the codecs being selected for connection to earpiece #0 (the driver designated for the loud speaker), and the simultaneous selection of the auxtone input, then the auxtone path will take priority. electret bias programmable output voltages are available on three of the audio interfaces - these are provided for the biasing of electret microphones as shown in figure 8. figure 8 - programmable electret bias the electret bias is programmed via one of the control registers, and provides a stable, low noise voltage which is derived from the on-chip voltage-reference. the bias voltage is programmable from 0 to 2.52v (nominal) in 15 steps, and has a nominal output noise level of 25uv (rms, 300-3400hz). vdd gnd auxtone tri-state optional filtering digital buffer micp micn micbias electret microphone programmable mic bias 0 to 2.52v in 15 steps 100n 100n gnd r1 r2
MT92303 preliminary information 8 microphone presence detect when an electret microphone is connected as shown in figures 8 and 9, it draws a bias current from the micbias pin. the voltage across the bottom bias resistor is monitored by the micdetect input and is used to set a presence ?ag in the MT92303s status register. this allows the external controller to determine whether or not the handset and headset are plugged-in. the internal workings of the MT92303 are not affected by the state of the presence ?ag. figure 9 - mic presence and mute detect microphone mute detect any of the 4 microphone inputs can be muted under direct software control via the mode control register. in addition, the micdetect inputs may also be used to mute the microphone paths of the 2 associated audio interfaces. this allows instantaneous blanking of the microphone path, and consequently the sidetone path, and allows the pop associated with electret muting to be avoided. as shown in figure 9, the internal mic mute detect signal is activated whenever the voltage across the bottom bias resistor (r2) exceeds 40% of the micbias voltage. a small amount of hysteresis is implemented such that the voltage needs to fall below 35% of the micbias voltage before the internal mic mute detect signal is deactivated. in addition to internally muting the microphone channel, the mic mute detect signal is passed to the MT92303s status register. the behaviour of the mute function can be programmed to operate in four different ways. it is important to note that in the third mode (mutemode=10) described in table 2, it is the designers responsibility to re-enable the microphone path after it has been muted by the micdetect pin. this allows the designer to re-establish the signal path after a time suf?cient for the settling of any microphone bias circuitry. the on-chip status register provides access to the internal mic mute detect signal, and also the acknowledged version mute which denotes whether or not the microphone channel is actually muted. these two bits of information are expected to be used by the external controller to determine when the channel needs to be re-enabled. this will be when mute is high, and mic mute detect has fallen low, but the external controller may introduce a delay before re-establishing the microphone path. the path should be re-enabled by momentarily switching to mutemode=00. bandgap voltage reference the MT92303 has its own internal bandgap voltage reference which determines the absolute gains of the tx & rx paths. the bandgap voltage is brought out to the vref pin for external decoupling with a capacitor (100nf to gnda) that should be located as micbias 0 to 2.52v in 15 steps gnd 40% 35% 4% 3% mic presence detect mic mute detect micdetect r1 r2 mute mode mute operation (see figure 9) 00 microphone path enabled (normal operation). mic mute detect signal ignored. 01 microphone path disabled (muted) while mic mute detect signal is high, and enabled while low. 10 microphone path disabled (muted) while mic mute detect signal is high, but must be re-enabled by the external controller . 11 microphone path disabled (muted). mic mute detect signal ignored. table 2. microphone mute detection
preliminary information MT92303 9 close to the package as possible. the bandgap voltage has a nominal value of 1.26v and may be used by other external circuitry as long as this is not allowed to interfere with the reference voltage. the reference voltage is not designed to deliver current so it should not be connected to a resistive load, or an ac noise source which cannot be decoupled by the external capacitor alone. the reference voltage circuit may be powered up and down under the control of one of the internal registers. when it is powered up, the reference voltage will take <1ms to settle. pcm interface (voice & status) the tx and rx digitised voice data is accessed via the pcm interface which can be programmed to work in one of three modes. these are st-bus, gci and ssi mode as described below. the contents of an on-chip status register may also be read via this interface.the dsto/dout/sdt pin is high impedance when inactive - this allows multiple codecs to share the pcm bus. pcm codes which are equivalent to a digital mw (0dbm0) for a 1khz sinewave are shown in table 4. itu-t g.711 de?nes the peak coding level for a-law as 3.14dbm0 and for u-law as 3.17dbm0. the a-law and u-law schemes use sign-magnitude data, and the linear system uses 2s compliment. the data words are shown as msb ?rst. table 4 also shows the coding for full-scale and zero (quiet code). st-bus interface the st-bus consists of output (dsto) and input (dsti) serial data streams, a synchronous clock input signal ( c4i), and a framing pulse input ( f0i). these are shown in figure 10. the data streams operate at 2048 kb/s and are time division multiplexed into 32 identical channels of 64 kb/s bandwidth. a frame pulse (a 244 nsec low going pulse) is used to parse the continuous serial data streams into the 32 channel tdm frames. each frame has a 125 usecond period translating into an 8 khz frame rate. data is arranged msb ?rst. a valid frame begins when f0i is logic low coincident with a falling edge of c4i. refer to mitel applications note msan-126 for detailed st-bus timing. c4i has a frequency (4096 khz) which is twice the data rate. this clock samples the incoming data on dsti at the 3/4 bit-cell position (the second rising clock edge) and makes data available on dsto at the start of the bit-cell. a bit cell is the 2 clock cycles used to transfer 1 data bit. see figure 17 in the electrical characteristics section for detailed timing information. pin name type description c4i/dcl/sck input serial clock. st-bus = 4.096mhz gci = 1.536 - 4.096mhz ssi = 0.512 - 4.096mhz f0i/fsc/sc2 input frame alignment. st-bus active low pulse gci active high pulse ssi active high dsti/d in /srd input serial data dsto/d out /std output serial data table 3. pcm interface pin description phase a-law u-law linear -7/8 00110100 00011110 1101110110000100 -5/8 00100001 00001011 1010111010000100 -3/8 00100001 00001011 1010111010000100 -1/8 00110100 00011110 1101110110000100 1/8 10110100 10011110 0010001001111100 3/8 10100001 10001011 0101000101111100 5/8 10100001 10001011 0101000101111100 7/8 10110100 10011110 0010001001111100 -full 00101010 00000000 1000000000000000 zero 11010101 11111111 0000000000000000 +full 10101010 10000000 0111111111111111 table 4. pcm coding
MT92303 preliminary information 10 figure 10 - st-bus channel allocation in a frame pulse 125us 32 st-bus channels c4i = 4096khz f0i c4i dsti/dsto ch 15 ch 14 ch 13 ch 12 ch 11 ch 10 ch 9 ch 8 ch 23 ch 22 ch 21 ch 20 ch 19 ch 18 ch 17 ch 16 ch 7 ch 6 ch 5 ch 4 ch 3 ch 2 ch 1 ch 0 ch 31 ch 30 ch 29 ch 28 ch 27 ch 26 ch 25 ch 24 bit 7 3.90625us 1 channel c4i = 4096khz c4i bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 dsti/dsto channel de?nition (st) each codec requires 1 (companded pcm) or 2 (linear pcm) channels. in addition to these 2 or 4 channels there is a status channel. the allocation of these channels is fully programmable, subject to the following: ? data-in and data-out are in the same channel slot for the dsti and dsto streams. ? in 16bit linear mode the 2 bytes are in adjacent channels. this will allow multiple MT92303s to share the st-bus (10 in companded and 6 in linear mode). in the event of the codecs or the status register erroneously having the same channel allocation, the prioritisation is (highest ?rst): codec0, codec1, status. only the highest priority has access to the pcm channel. general circuit interface (gci) in gci mode the number of channels available in a 125us frame pulse period depends on the dcl clock frequency, a dcl clock frequency of 1536khz allows 3 channels, 2048khz allows 4 channels and 4096khz allows 8 channels. each channel is allocated 4 consecutive bytes which are de?ned as: ? pcm data bytes b1 and b2. ? monitor byte (m). ? control/indication byte (c/i). for the MT92303 only the b1 and b2 bytes are used, during the m and c/i bytes, dout is tristate. the serial data streams are din and dout, the clock is dcl and the frame pulse is fsc, as shown in figure 11. data is arranged msb ?rst. the channels selected must be compatible with the dcl clock frequency being used. the status register information is also output on one other channel, in the b1 slot. gci mode is enabled by setting the appropriate bits in the control register. the clock rate for gci is double the bit rate. see figure 18 in the electrical characteristics section for detailed timing information. channel de?nition (gci) the pcm data will be output on the channels de?ned by the channel allocation registers. the status register is also output on one other channel on b1 as de?ned by the status channel allocation register.
preliminary information MT92303 11 figure 11 - gci channel allocation in a frame pulse fsc dcl d in /d out b2 b1 b1 b1 b1 b1 b1 b1 b1 m c/i 125us 8 gci channels dcl = 4096khz d in /d out dcl ch0 ch1 ch2 ch3 ch4 ch5 ch6 ch7 15.625us 1 channel dcl = 4096khz figure 12 - synchronous serial interface (ssi) sc2 sck sdr sdt 125us data data no error checking is done so the channels de?ned must be compatible with the dcl clock frequency. in the event of codecs or status reg. erroneously having the same channel allocation, the prioritisation is (highest ?rst): codec0, codec1, status. only the highest priority has access to the pcm channel. synchronous serial interface (ssi) this is a commonly used standard in north america. there is no prede?ned number of bits in a 125us period, instead data is transmitted whilst the serial chip select pin sc2 is high. data is input on sdr, being sampled on the falling edge of sck, data is output on sdt on the rising edge of sck. data is arranged msb ?rst. the clock rate for ssi is the same as the bit rate. see figure 19 in the electrical characteristics section for detailed timing information. channel de?nition (ssi) in dual codec mode, codec0 data is transmitted ?rst, either as 8-bit companded or 16-bit linear, then codec1 data and ?nally the status register. in single codec mode, the codec data is transmitted ?rst and then the status register.
MT92303 preliminary information 12 figure 13 - ssi bit allocation sc2 sck sdr b2 sdt b1 b2 b1 b2 b1 codec 0 codec 1 b2 b1 status sdr sdt b1 b1 codec 1 status codec 0 disabled, codec 1 companded codec 0 and 1 enabled, both 16-bit linear sc2 serial microport all MT92303 internal registers are accessed for write via the serial microport to allow programming of the device. in addition some registers may be read via this interface as de?ned in the programming and registers section. the serial microport is compatible with intel mcs-51 (mode 0), motorola spi (cpol=0, cpha=0), and national semiconductor microwire speci?cations. functional waveforms are shown in figures 14 and 15. detailed timing diagrams are shown in figures 20 and 21 in the electrical characteristics section. the microport consists of a transmit/receive data pin (data1), a receive data pin (data2), a chip select pin ( cs) and a synchronous data clock pin (sclk). receive data bits are sampled on the rising edge of sclk while transmit data is clocked out on the falling edge of sclk.the MT92303 automatically adjusts its internal timing and pin con?guration to conform to intel or motorola/national requirements. the microport dynamically senses the state of the sclk pin each time cs pin becomes active (i.e. high to low transition). if sclk pin is high during cs activation, then intel mode 0 timing is assumed. in this case data1 pin is de?ned as a bi-directional (transmit/ receive) serial port and data2 is internally disconnected. if sclk is low during cs activation, then motorola/national timing is assumed and data1 is de?ned as the data transmit pin while data2 becomes the data receive pin. the MT92303 supports motorola half-duplex processor mode (cpol=0 and cpha=0). this means that during a write to the MT92303 by the motorola-type processor, output data from the data1 pin must be ignored (by the processor). this also means that input data on the data2 pin is ignored by the MT92303 during a valid read by the motorola processor. all data transfers through the microport are two bytes long. this requires the transmission of a command/address byte followed by the data byte to be written to or read from the addressed register. cs must remain low for the duration of this two-byte pin name type description cs input enables serial microport. active low. sclk input data clock for serial microport data1 i/o motorola/national mode: data1 is output. intel mode: data1 is i/o. data2 input motorola/national mode: data2 is input. intel mode: data2 is not used and must be tied to vdd or gnd table 5. microport pin description
preliminary information MT92303 13 figure 14 - microport waveform (intel mode) figure 15 - microport waveform (motorola/national mode) wr a 0 a 1 a 2 a 3 a 4 a 5 x cs sclk data 1 command/address data d 0 d 1 d 2 d 3 d 4 d 5 d 6 d 7 rd a 0 a 1 a 2 a 3 a 4 a 5 x data 1 d 0 d 1 d 2 d 3 d 4 d 5 d 6 d 7 read write rd a 5 a 4 a 3 a 2 a 1 a 0 x d 7 d 6 d 5 d 4 d 3 d 2 d 1 d 0 cs sclk data1 output x x x x x x x x data2 input command/address data read wr a 5 a 4 a 3 a 2 a 1 a 0 x x x x x x x x x data1 output d 7 d 6 d 5 d 4 d 3 d 2 d 1 d 0 data2 input write transfer. as shown in figures 14 and 15 the falling edge of cs indicates to the MT92303 that a microport transfer is about to begin. the ?rst 8 clock cycles of sclk after the falling edge of cs are always used to receive the command/address byte from the microcontroller. the command/address byte contains information detailing whether the second byte transfer will be a read or a write operation (read = 1, write = 0), and at what address. the next 8 clock cycles are used to transfer the data byte between the MT92303 and the microcontroller. at the end of the two-byte transfer, cs is brought high again to terminate the session. the rising edge of cs will tri-state the data1 pin. the data1 pin will remain tri-stated as long as cs is high. intel processors utilize least signi?cant bit (lsb) ?rst transmission while motorola/national processors use most signi?cant bit (msb) ?rst transmission. the MT92303 microport automatically accommodates these two schemes for normal data bytes. however, to ensure timely decoding of the r/w and address information, the command/address byte is de?ned differently for intel and motorola/national operations. note : sclk needs to be pulsed once after cs is deactivated at the end of a microport write. this can be done by: ? running sclk continuously. ? reading/writing to another device (which could be a dummy) after each microport write. this will force sclk active while cs is high. future versions of the MT92303 may not require this extra sclk cycle.
MT92303 preliminary information 14 system clock the MT92303 requires a system clock signal which is used to run the internal dsp circuitry. the MT92303 is designed to work with several popular clock frequencies as shown in table 6. the system clock should be presented to the sysclk input (standard digital input), and the appropriate on-chip register should be programmed with the chosen frequency. only the frequencies shown in table 6 may be used - this is a requirement of the internal dacs and adcs which are of the over-sampling type. the sysclk frequency needs to be a multiple of the 8khz frame rate, and also the internal sampling clocks of the dacs and the adcs. some of the sysclk frequency options use an internal pll to multiply the clock up to 20.48mhz, but the faster sysclk frequencies are used directly by the dsp circuitry. figure 16 sysclk input and pll those sysclk frequencies which are multiples of 2.048mhz are expected to be derived from the same source as that which provides the pcm interfaces frame alignment signal ( f0i/fsc/sc2). the two signals must be synchronous - one of the ways that this can be achieved is by using the same clock signal for both sysclk and c4i/dcl/sck (as shown in the application diagram, figure 23 - pins 4 and 5 are connected together). the other sysclk frequencies are intended for use in voip applications where ethernet clocks may already be available. the MT92303 contains a digital re-synchronization circuit which means that the 20.0, 25.0 or 50.0mhz sysclk does not need to be synchronous with the frame alignment signal. however, in these cases, there are minimum requirements for the accuracy of the 8khz frame alignment frequency, as shown in table 6. it is important to note that the accuracy figures in table 6 (e.g. 8khz +/-320ppm for 25mhz system clock) are de?ning the relative inaccuracy of the two clocks (8khz and 25mhz in this example). the two clock frequencies must share the 320ppm of allowable inaccuracy (e.g. 8khz +/-160ppm and 25mhz +/-160ppm). the internal pll must be enabled whenever it is required. this is controlled by the same register as is used to select the sysclk frequency. the pll will take <1ms to lock onto the sysclk signal - during this time the dsp circuitry will be clocked at the wrong frequency (slower, or faster), and consequently the pcm data should not be relied upon until the pll has settled. when the pll is not needed, or when a low power mode is required, then the pll should be disabled. the pll should not be enabled until the sysclk clock signal has been applied. it is acceptable to simultaneously select the sysclk frequency and enable the pll. after a system reset, the MT92303 will be in a direct clocking mode (20.48mhz direct as shown in table 6), and consequently must be put into a mode where the pll is programmed to multiply the sysclk frequency by the correct amount, and where the pll is enabled (if the pll is required). system reset options the MT92303 has a reset mode in which all the control registers, the dsp, and all other latched functions are reset. this reset mode may be initiated in three different ways:- ? powering-up the device ? using the active-low resetb pin ? setting the sw_reset bit in the appropriate register system clock mhz clocking method required frame alignment frequency 20.48 direct 8khz, synchronous 20.0 direct 8khz +/-400ppm 25.0 direct 8khz +/-320ppm 50.0 direct 8khz +/-320ppm 2.048 internal pll 8khz, synchronous 4.096 internal pll 8khz, synchronous 10.24 internal pll 8khz, synchronous table 6. sysclk frequencies sysclk pll 20.48 mhz internal clock enable
preliminary information MT92303 15 the software reset is programmed via the microport interface, and is cleared automatically by the next rising edge on the microport interfaces serial clock input (sclk). see note below. note: when the software reset is cleared as described above, it is important that the sclk clock edge is not regarded by the MT92303 as part of a microport read or write operation. the sclk rising clock edge must consequently be applied while the cs pin is inactive (high). future versions of the MT92303 may use a different method to clear the software reset. power-down mode the individual circuits of the MT92303 are capable of being powered-down when not needed. this allows the operating current to be minimised, and it also allows the whole chip to be powered-down into a micro-power state if required. the circuits are powered-down under the control of the relevant register bits. in general, the circuitry is powered-down after a power-on-reset or hardware or software reset, and is usually enabled when required. to put the MT92303 into micro-power mode, then all of the circuits listed below need to be disabled by setting the register bits low. for absolute minimum power consumption, the system clock must also be stopped. ? audio interfaces #0 to #3 (en_audio x4) ? tx analog #0 and #1 (en_tx x2) ? voltage reference (en_vref x1) ? pll (en_pll x1) ? codecs #0 and #1 (en_codec x2) loopback testing digital-to-digital loopback testing may be enabled by the appropriate bit in the dsp test register. in this mode, the voice data which is normally fed to the rx dac inputs is sent to the tx dsp inputs (which are normally fed by the tx adc). the transfer of data from the rx domain to the tx domain is not straightforward since the sample rates and resolutions of the dac and adc are not the same. this results in some scrambling of the data and as a consequence, a sinewave input signal will not result in a sinewave output signal. however, the loopback path is formed from digital circuitry (pcm port, dsp ?ltering, dsp gains) and will behave in a strictly repeatable, bit-wise fashion. the integrity of the loopback path can consequently be veri?ed by the use of ?xed digital vectors. to ensure a ?xed, repeatable response from the dsp circuitry, the application of loopback vectors should be preceded by a system reset. MT92303 programming & registers all operating modes, power up/down, gain levels and muting, electret biasing, ?lter cut-offs etc are set by the contents of the registers shown below. these are all accessed via the microport. some of the registers are write-only, some are read-write, and the status register is read-only. the hex addresses and read/ write access are shown at the top of each table. note that most of the registers are duplicated - there are generally 2 addresses for registers which control the codecs, and 4 addresses for those which control the audio interfaces. register defaults the MT92303 has an on-chip power on reset circuit which is used to clear and initialize the circuitry whenever power is applied to the device. the resetb pin may also be used to provide a hardware reset which produces the same effect. in this state, all the register bits are reset to 0 figure 22 shows a ?ow diagram with a suggested register programming sequence.
MT92303 preliminary information 16 address 00h/01h write only codec: control (registers x2) 0 mute_v dsp rx mute 1 mute_s dsp sidetone mute 2 pcm 0=linear 1=companded 3 u/a law 0=a law 1=u law 4-7 - unused (dont care) address 02h/03h write only codec: enable and rx dsp gain (registers x2) 0 en_codec enable codec 1 vol[0] dsp rx volume control from -21db to 0db in 3db steps. see table below 2 vol[1] 3 vol[2] 4-7 - unused (dont care) vol[2:0] gain db 000 0 001 -3 010 -6 011 -9 100 -12 101 -15 110 -18 111 -21
preliminary information MT92303 17 address 04h/05h write only codec: rx hi-pass-filter (registers x2) 0 rxhpf[0] cut off frequency of rx path dsp hi pass filter (1 st order ?lter). see table below 1 rxhpf[1] 2 rxhpf[2] 3 scan[0] scan-path test modes. (defaults to 00. do not over-write with different value) 4 scan[1] 5-7 - unused (dont care) address 06h/07h write only codec: sidetone gain (registers x2) 0 dsp test dsp bus access test mode. (defaults to 0. do not over-write with different value) 1 stg[0] sidetone gain. see table below 2 stg[1] 3 stg[2] 4 stg[3] 5-7 - unused (dont care) rxhfp[2:0] -3db frequency (hz) 000 0 001 40 010 100 011 150 100 200 101 300 110 400 111 invalid stg[3:0] gain (db) stg[3:0] gain (db) 0000 -39 1000 -15 0001 -36 1001 -12 0010 -33 1010 -9 0011 -30 1011 -6 0100 -27 1100 -3 0101 -24 1101 0 0110 -21 1110 +3 0111 -18 1111 +6
MT92303 preliminary information 18 address 08h/09h write only codec: dsp test (registers x2) 0 dsptest[0] loopback (digital-to-digital). 0 for normal operation, 1 for loopback 1 dsptest[1] reserved (defaults to 0. do not over-write with different value) 2 dsptest[2] reserved (defaults to 0. do not over-write with different value) 3-7 - unused (dont care) address 0ah - 0bh read/write audio interface: tx gain (registers x2) 0 txg[0] programmable tx gain 0 to +46.5db in 1.5db steps. see table below txg[4] controls whether or not the pre-amp is used 1 txg[1] 2 txg[2] 3 txg[3] 4 txg[4] 5-7 - unused (dont care) txg[4:0] gain db txg[4:0] gain db txg[4:0] gain db txg[4:0] gain db 00000 0 01000 12 10000 24 11000 36 00001 1.5 01001 13.5 10001 25.5 11001 37.5 00010 3 01010 15 10010 27 11010 39 00011 4.5 01011 16.5 10011 28.5 11011 40.5 00100 6 01100 18 10100 30 11100 42 00101 7.5 01101 19.5 10101 31.5 11101 43.5 00110 9 01110 21 10110 33 11110 45 00111 10.5 01111 22.5 10111 34.5 11111 46.5
preliminary information MT92303 19 address 0ch - 0fh read/write audio interface: rx analog gain and electret bias (registers x4) 0 rxg[0] programmable rx analog gain -28db to +2.0db in 2db steps (available for all four audio interfaces). see table below register for audio interface #0 also de?nes auxtone gain between -29db and 0db in approximate 2db steps. see table below 1 rxg[1] 2 rxg[2] 3 rxg[3] 4 eb[0] programmable electret microphone bias 0v to 2.52v in 168mv steps. see table below available for audio interfaces #3, #2 and #0 5 eb[1] 6 eb[2] 7 eb[3] rxg [3:0] gain (db) rxg [3:0] gain (db) 0000 -28 1000 -12 0001 -26 1001 -10 0010 -24 1010 -8 0011 -22 1011 -6 0100 -20 1100 -4 0101 -18 1101 -2 0110 -16 1110 0 0111 -14 1111 +2 rx analog gain rxg0 [3:0] aux gain (db) rxg0 [3:0] auxgain (db) 0000 -29 1000 -13.2 0001 -27 1001 -11.2 0010 -25 1010 -9.3 0011 -23 1011 -7.4 0100 -21.1 1100 -5.5 0101 -19.1 1101 -3.6 0110 -17.1 1110 -1.8 0111 -15.1 1111 0 #0 auxtone gain
MT92303 preliminary information 20 eb [3:0] bias v eb [3:0] bias v 0000 0.00 1000 1.34 0001 0.17 1001 1.51 0010 0.34 1010 1.68 0011 0.50 1011 1.85 0100 0.67 1100 2.02 0101 0.84 1101 2.18 0110 1.01 1110 2.35 0111 1.18 1111 2.52 electret bias address 10h read/write audio interface: enable (register x1) 0 en_audio_0 enable audio interfaces (rx analog circuitry, electret bias, microphone detect, auxtone) 1 en_audio_1 2 en_audio_2 3 en_audio_3 4 en_vref enable voltage reference (needed for all analog functions) 5 en_tx0 enable tx analog circuitry. also initiates the tx offset correction routine. important note : there are several requirements which must be met before this routine can operate correctly. see explanation in section a utomatic dc offset cancellation (tx) 6 en_tx1 7 - unused (dont care)
preliminary information MT92303 21 address 11h read/write cross-point: selection (register x1) 0 xp0[0] route codec #0 to audio interface #0 to #3 e.g. xp0[1:0] = 01 = audio interface #1 (may be overridden by en_auxtone) 1 xp0[1] 2 xp1[0] route codec #1 to audio interface #0 to #3 e.g. xp1[1:0] = 11 = audio interface #3 (may be overridden by en_auxtone) 3 xp1[1] 4 con_codec_0 connect codec #0 to the cross-point 5 con_codec_1 connect codec #1 to the cross-point 6 en_auxtone route auxtone to loud speaker outputs (audio interface #0). overrides xp0/1 7 0 reserved for cross-point test access (defaults to zero. do not change) address 12h/13h read/write pcm interface: codec channel allocation (register x2) 0 chan[0] codec-channel allocation st-bus mode: (0 to 31) e.g. chan[4:0] = 01110 = channel 14 gci mode: (0 to 7) e.g. chan[4:0] = xx110 = channel 6 ssi mode: ignored 1 chan[1] 2 chan[2] 3 chan[3] 4 chan[4] 5-7 - unused (dont care) address 14h read/write pcm interface: status channel allocation (register x1) 0 chan[0] status-channel allocation st-bus mode: (0 to 31) e.g. chan[4:0] = 01110 = channel 14 gci mode: (0 to 7) e.g. chan[4:0] = xx110 = channel 6 ssi mode: ignored 1 chan[1] 2 chan[2] 3 chan[3] 4 chan[4] 5-7 - unused (dont care)
MT92303 preliminary information 22 address 15h read/write general: mode control (register x1) 0 pcm_bus[0] selects pcm data interface 00 = st-bus, 01 = gci, 10 = ssi 1 pcm_bus[1] 2 mutemode3[0] audio interface #3: mic mute mode control (see section microphone mute detect and table below) 3 mutemode3[1] 4 mutemode2[0] audio interface #2: mic mute mode control (see section microphone mute detect and table below) 5 mutemode2[1] 6 mute[0] software mute for audio interface #0 7 mute[1] software mute for audio interface #1 mutemode[1:0] mute operation (see figure 9) 00 microphone path enabled (normal operation). mic mute detect signal ignored 01 microphone path disabled (muted) while mic mute detect signal is high, and enabled while low 10 microphone path disabled (muted) while mic mute detect signal is high, but must be re-enabled by the external controller 11 microphone path disabled (muted). mic mute detect signal ignored address 16h read/write general: system clock frequency, pll and software reset (register x1) 0 freq[0] system clock frequency, sysclk. see table below note : some frequencies need the internal pll to be enabled 1 freq[1] 2 freq[2] 3 en_pll enable pll (only required for some sysclk frequencies). allow 1ms to settle 4 sw_reset software reset - see explanation in section system reset options 5-7 - unused (dont care) freq [2:0] system clock (mhz) clocking method pll multiplier 000 20.48 direct (pll output not used) x10 001 20.0 direct (pll output not used) x5 010 25.0 direct (pll output not used) x2 011 50.0 direct (pll output not used) x2 100 2.048 internal pll x10 101 4.096 internal pll x5 110 10.24 internal pll x2 111 10.24 (spare) internal pll x2
preliminary information MT92303 23 ? defaults to all-zeros. do not over-write with different values address 17h read/write general: test (register x1) ? 0 test[1:0] reserved ? for gemulation mode testing 1 2 test[3:2] reserved ? for internal signal testing via dtso pin. 01 = internal sysclk (pll output in some modes) 3 40 reserved ? 50 60 70 address 18h read/write general: test tx analog (register x1) ? 0pdvc reserved ? for production testing 1 pdsd 2 pddac 3 tcalvg 4 tcalma 5 tstvg 6 tstaa 7- address 19h read only audio interface: status (register x1) 0 mutedet3 audio interface #3: mic mute detect signal 1 mute3 audio interface #3: microphone channel is muted (may need to be actively un-muted) 2 mutedet2 audio interface #2: mic mute detect signal 3 mute2 audio interface #2: microphone channel is muted (may need to be actively un-muted) 4 mic3 audio interface #3: mic presence detect signal 5 mic2 audio interface #2: mic presence detect signal 6-7 - unused (dont care)
MT92303 preliminary information 24 ac/dc electrical characteristics ? exceeding these values may cause permanent damage. functional operation under these conditions is not implied. ? typical ?gures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. ? typical ?gures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. absolute maximum ratings ? characteristics min max units comments storage temperature -55 +150 degc supply voltage -0.3 5.0 v < 2 minutes -0.3 3.6 v continuous pin voltage relative to vdd +0.3 v pin voltage relative to gnd or sub -0.3 v recommended operating conditions characteristics min max units comments ambient temperature -40 +85 c supply voltage vdd 3.0 3.6 v general characteristics characteristics min typ ? max units comments supply current 13 23 ma operating. no output loads 10 ua powered down digital inputs: lower threshold 0.8 v digital inputs: upper threshold 2.0 v digital outputs: lower level 0.4 v sinking 6ma digital outputs: upper level 0.8*vdd sourcing 6ma rx path characteristics - all parameters are measured differentially between the earp and earn pins. dsp gain is set to 0db unless otherwise stated. characteristics min typ ? max units comments output level for 0dbm0 0.955 1.012 1.071 v rms analog gain set to 0db 40.3 mv rms analog gain set to -28db driver output power 66 mw rms 1khz sinewave, <1% thd, 32 ohm load speaker output power (audio interface #0 only) 150 mw rms 1khz sinewave, <1% thd, 16 ohm load analog gains -28 to +2 db 16 gain values available analog gain error -0.2 0 +0.2 db analog gain -28db to +2db, 1khz, 0dbm0 analog gain step size 2 db idle channel noise -70 dbm0p measured at gain -28db and +2db dc offset voltage -50 +50 mv analog gain 0db
preliminary information MT92303 25 ? typical ?gures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. ? typical ?gures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. auxtone path characteristics - all parameters are measured differentially between the ear0p/speakerp and ear0n/ speakern pins unless otherwise stated. characteristics min typ ? max units comments gain -29 to 0 db 16 gain values available gain step size 2 db step sizes not all equal maximum gain setting -0.5 0 +0.5 db 1khz, 1v rms sinewave input dc bias vdd/2 v auxtone input auxtone input resistance (ac) 111.5 kohms minimum gain setting 57.7 kohms maximum gain setting tx path characteristics - all parameters are referred to the differential signal between the micp and micn pins unless otherwise stated. characteristics min typ ? max units comments input level for 0dbm0 0.577 0.611 0.647 v rms gain set to 0db 2.89 mv rms gain set to 46.5db input common-mode bias vdd/2 v dc bias on each input, relative to gnd input resistance (ac) 107 kohms gain 0db to 10.5db 54 kohms gain 12db to 22.5db 80 kohms gain 24db to 46.5db gains 0 to +46.5 db 32 gain values available gain error -0.2 0 +0.2 db gain 0db to 22.5db, 1khz, 0dbm0 -0.3 0 +0.3 db gain 24db to 46.5db, 1khz, 0dbm0 gain step size 1.5 db input referred noise 300-3400hz 20 uv rms gain set to minimum -90 dbm0 5 uv rms gain set to maximum -55 dbm0
MT92303 preliminary information 26 ? typical ?gures are at 25 c and are for design aid only: not guaranteed and not subject to production testing. electret bias, mic presence and mic mute detect characteristics - all electret bias parameters measured at the micbias pin relative to gnd. all detect parameters measured at the micdetect pin relative to gnd. characteristics min typ ? max units comments electret bias voltage ebv 0.0 to 2.52 v 16 levels available 0.9 * typ 2.52 * n / 15 1.1 * typ v n = 0 to 15 output noise 25 uv rms 300-3400hz drive current capability 1 ma source current output resistance 0.5 ohms at 1khz supply rejection 60 db at 1khz presence detect threshold (rising) 0.97 * typ +/- 10mv 0.04 * ebv 1.03 * typ +/- 10mv v derived from electret bias voltage presence detect threshold (falling) 0.03 * ebv mute detect threshold (rising) 0.97 * typ +/- 10mv 0.45 * ebv 1.03* typ +/- 10mv v derived from electret bias voltage mute detect threshold (falling) 0.35 * ebv tx/rx/tx crosstalk characteristics characteristics min typ max units comments analog-tx to analog-rx analog-tx to digital-tx -73 -70 dbm0 dbm0 digital-rx to analog-rx digital-rx to digital-tx -70 -70 dbm0 dbm0 d a c pcm a d c pcm #1 rx tx d a c pcm a d c pcm #0 rx tx d a c pcm a d c pcm #1 rx tx d a c pcm a d c pcm #0 rx tx
preliminary information MT92303 27 figure 17 - st-bus data port timing pcm serial data interface timings (st-bus) characteristics sym min typ max units test notes c4i period t c4p 243.9 244.1 244.4 ns c4i/dcl/sck clock high t sch, t c4h 90 ns c4i/dcl/sck clock low t scl, t c4l 90 ns f0i / fsc setup t f0is 20 150 ns f0i / fsc hold t f0ih 20 150 ns st-bus/gci data input hold time t dsh 20 ns st-bus/gci data input setup time t dss 20 ns st-bus/gci data output delay t dsd 80 ns c l =150pf st-bus/gci output active to high impedance t ashz 80 ns c l =150pf dsto v t c4i v t f0i v t dsti v t t f0is t f0ih t dss t dsh t dsd t ashz t c4h t c4l bit 7 bit 6 bit 7 bit 6 start of frame
MT92303 preliminary information 28 figure 18 - gci data port timing pcm serial data interface timings (gci) characteristics sym min typ max units test notes dcl period t ckp 244 651 ns c4i/dcl/sck clock high t sch, t c4h 90 ns c4i/dcl/sck clock low t scl, t c4l 90 ns f0i / fsc setup t f0is 20 150 ns f0i / fsc hold t f0ih 20 150 ns st-bus/gci data input hold time t dsh 20 ns st-bus/gci data input setup time t dss 20 ns gci fsc to data delay (?rst bit) t sd 80 ns c l =150pf st-bus/gci data output delay t dsd 80 ns c l =150pf st-bus/gci output active to high impedance t ashz 80 ns c l =150pf dout v t dcl v t fsc v t din v t t f0is t f0ih t dss t dsh t dsd t ashz t c4h t c4l bit 7 bit 6 bit 7 bit 6 start of frame t sd
preliminary information MT92303 29 figure 19 - ssi data port timing pcm serial data interface timings (ssi) characteristics sym min typ max units test notes sck period t scp 244 1953 ns c4i/dcl/sck clock high t sch, t c4h 90 ns c4i/dcl/sck clock low t scl, t c4l 90 ns ssi enable strobe to data delay (?rst bit) t sd 80 ns c l =150pf ssi data output delay (excluding ?rst bit) t dd 80 ns c l =150pf ssi output active to high impedance t ahz 80 ns c l =150pf ssi enable strobe signal setup t ss 70 t scp ns ssi enable strobe signal hold t sh 15 t scp -10 ns ssi data input setup t sds 10 ns ssi data input hold t sdh 15 ns sdt v t sck sc2 v t sdr v t t ss t sh t sds t sdh t dd t ahz t scl t sch bit 7 bit 6 bit 7 bit 6 t scp v t start of frame t sd
MT92303 preliminary information 30 figure 20 - intel serial microport timing figure 21 - motorola/national serial microport timing microport timings characteristics sym min typ max units test notes input data setup t ids 100 ns input data hold t idh 30 ns output data delay t odd 100 ns c l =150pf serial clock period t scp 500 ns sclk pulse width high t sch 250 ns sclk pulse width low t scl 250 ns cs setup-intel t cssi 200 ns cs setup-motorola t cssm 100 ns cs hold t csh 100 ns cs to output high impedance t ohz 100 ns c l =150pf data1 sclk cs t ids t idh t odd t ohz t cssi t csh t scl t sch t scp data input data output data2 sclk cs data1 t ids t idh t odd t cssm t csh t ohz t sch t scl t scp (input) (output)
preliminary information MT92303 31 figure 22 - suggested microport programming sequence power-on reset or hardware reset - resetb or software reset - write addr 16h enable vref - write addr 10h wait 1ms for vref to settle set mode - write addr 15h set system clock frequency program codec 0/1 - write addr 00-07h set tx gains - write addr 0a-0bh run f0i clock for 128 periods (16ms) for tx offset cancellation set rx gains & electret bias - write addr 0c-0fh set pcm & status channel - write addr 12-14h enable codec 0/1 - write addr 02-03h * enable tx 0/1 and audio 0-3 - write addr 10h set cross-point - write addr 11h talk wait 1ms for pll to settle (if used) ** *** and enable pll (if required) - write addr 16h *** frequency register must be written-to before either codec is enabled. tx 0/1 must be enabled after vref has settled. sysclk must be present before pll is enabled. *** * **
MT92303 preliminary information 32 figure 23 - application diagram mt92101/2 notes: ? all vdd pins (x5) should be star-routed to the positive supply. ? all gnd pins (x5) and the sub pin should be star-routed to ground. ? the diagram shows a dynamic microphone connected to mic0p/n and an electret microphone to mic2p/n. audio interfaces #1 and #3 are shown as unused. ? unused inputs must not be left ?oating - they should be connected to ground (e.g. micdetect, auxtone, mic, data2). ? unused outputs should be left open-circuit. ? decoupling capacitors should be as close to the pins as possible. ? decoupling for the loud speaker and earpiece supplies may need to be increased. ? pins 4 and 5 are connected together in this example. in this con?guration, the MT92303 uses an internal pll to multiply the pcm serial clock (4.096mhz) up to 20.48mhz (used internally). 100n 100n 100n 100n 100n 1 2 3 4 5 6 7 8 9 10 11 17 12 13 14 15 16 18 19 20 21 22 33 32 31 30 29 28 27 26 25 24 23 39 44 43 42 41 40 38 37 36 35 34 vddp0 speakern speakerp gndp0 vddp3 ear3p ear3n gndp32 ear2p ear2n vddp21 ear1p ear1n gndp1 auxtone vdda gnda sub mic1p mic1n vref mic0n resetb micbias3 micdetect3 mic3p mic3n micbias2 micdetect2 mic2p mic2n micbias0 mic0p dsto/dout/std dsti/din/srd f0i/fsc/sc2 c4i/dcl/sck sysclk vddd gndd data2 data1 sclk cs tfs dt dr sclk serdata serclk sersel[x] MT92303

m mitel (design) and st-bus are registered trademarks of mitel corporation mitel semiconductor is an iso 9001 registered company copyright 1999 mitel corporation all rights reserved printed in canada technical documen t a tion - n o t for resale world headquarters - canada tel: +1 (613) 592 2122 fax: +1 (613) 592 6909 north america asia/paci?c europe, middle east, tel: +1 (770) 486 0194 tel: +65 333 6193 and africa (emea) fax: +1 (770) 631 8213 fax: +65 333 6192 tel: +44 (0) 1793 518528 fax: +44 (0) 1793 518581 http://www.mitelsemi.com information relating to products and services furnished herein by mitel corporation or its subsidiaries (collectively mitel) is believed to be reliable. however, mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by mitel or licensed from third parties by mitel, whatsoever. purchasers of products are also hereby noti?ed that the use of product in certain ways or in combination with mitel, or non-mitel furnished goods or services may infringe patents or other intellectual property rights owned by mitel. this publication is issued to provide information only and (unless agreed by mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. the products, their speci?cations, services and other information appearing in this publication are subject to change by mitel without notice. no warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a speci?c piece of equipment. it is the users responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. manufacturing does not necessarily include testing of all functions or parameters. these products are not suitable for use in any medical products whose failure to perform may result in signi?cant injury or death to the user. all products and materials are sold and services provided subject to mitels conditions of sale which are available on request.


▲Up To Search▲   

 
Price & Availability of MT92303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X